Part Number Hot Search : 
AD7878LN 35ACP PTCR0805 00201 5KE68A ACE1501 DL2SLG PC3H7
Product Description
Full Text Search
 

To Download MJ15015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors MJ15015 description ? with to-3 package ? complement to type mj15016 ? excellent safe operating area applications ? for high power audio ,stepping motor and other linear applications ? relay or solenoid drviers ? dc-dc converters inverters pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 200 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 7 v i c collector current 15 a i b base current 7 a p c collector power dissipation t c =25 ?? 180 w t j junction temperature 150 ?? t stg storage temperature -65~200 ?? thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 0.98 ??/w fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors MJ15015 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (sus)ceo collector-emitter sustaining voltage i c =0.2a ;i b =0 120 v v cesat-1 collector-emitter saturation voltage i c =4a; i b =0.4a 1.1 v v cesat-2 collector-emitter saturation voltage i c =10a; i b =3.3a 3.0 v v cesat-3 collector-emitter saturation voltage i c =15a; i b =7.0a 5.0 v v be base-emitter on voltage i c =4a ; v ce =4v 1.8 v i ceo collector cut-off current v ce =60v; v be(off) =0 0.1 ma i cev collector cut-off current v ce =rated value; v be(off) =1.5v t c =150 ?? 1.0 6.0 ma i ebo emitter cut-off current v eb =7v; i c =0 0.2 ma h fe-1 dc current gain i c =4a ; v ce =2v 10 70 h fe-2 dc current gain i c =4a ; v ce =4v 20 70 h fe-3 dc current gain i c =10a ; v ce =4v 5 i s/b second breakdown collector current with base forward biased v ce =60vdc,t=0.5 s, nonrepetitive 3.0 a c ob output capacitance i e =0 ; v cb =10v;f=1.0mhz 60 600 pf f t transition frequency i c =1a ; v ce =4v;f=1.0mhz 0.8 mhz
inchange semiconductor product specification 3 silicon npn power transistors MJ15015 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)
inchange semiconductor product specification 4 silicon npn power transistors MJ15015


▲Up To Search▲   

 
Price & Availability of MJ15015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X